Part Number Hot Search : 
M29F01 MC14028 275333K1 00236 MAX3232E 1T397 DS1841T UR4KB60
Product Description
Full Text Search
 

To Download P6KE68AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6.8 thru 200CA, e3 600 Watt TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
DESCRIPTION This P6KE series is an economical 600 W Transient Voltage Suppressor (TVS) for protecting voltage-sensitive components from destruction or degradation. It is available in both unidirectional and bi-directional configurations as well as RoHS Compliant (annealed matte-Tin finish) with an e3 suffix added to the part number. The response time of their clamping action is virtually instantaneous. As a result, they may also be used effectively for protection from ESD or EFT per IEC61000-4-2 and IEC61000-4-4 or for inductive switching environments and induced RF. They can also be used for protecting other sensitive components from secondary lightning effects per IEC61000-4-5 and class levels defined herein. Microsemi also offers numerous other TVS products to meet higher and lower power demands and special applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW .Microsemi .C OM
T-18
FEATURES
* * Available in both unidirectional and bidirectional (add C or CA suffix to part number for bidirectional) Optional 100% screening for avionics grade is available by adding MA prefix to part number for added 100% temperature cycle -55oC to +125oC (10X) as well as surge (3X) and 24 hours HTRB with post test VZ & IR (in the operating direction for unidirectional or both directions for bidirectional) Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, and JANTXV are available by adding MQ, MX, or MV prefixes respectively to part numbers. Surface mount equivalents available as SMBJP6KE6.8 to SMBJP6KE200CA or SMBJ5.0 to SMBJ170CA (consult factory for other surface mount options) Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B RoHS Compliant devices available by adding "e3" suffix * * * * * *
APPLICATIONS / BENEFITS
Selections for 6.8 to 200 volts breakdown (VBR) Economical TVS series for thru-hole mounting Protects sensitive components such as IC's, 2 CMOS, Bipolar, BiCMOS, ECL, DTL, T L, etc. Protection from switching transients & induced RF Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1: P6KE6.8 to P6KE130A or CA Class 2: P6KE6.8 to P6KE68A or CA Class 3: P6KE6.8 to P6KE36A or CA Class 4: P6KE6.8 to P6KE18A or CA Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1: P6KE6.8 to P6KE43A or CA Class 2: P6KE6.8 to P6KE22A or CA
*
*
* *
*
MAXIMUM RATINGS
* Peak Pulse Power dissipation at 25 C: 600 watts at 10/1000 s (also see Fig 1,2, and 3). * Impulse repetition rate (duty factor): 0.01% * tclamping (0 volts to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional * Operating and Storage temperature: -65oC to +150oC * Thermal Resistance: 25 oC/W at 3/8 inch (10 mm) lead length from body, or 85C/W junction to ambient when mounted on FR4 PC board with 4 mm2 copper pads (1 oz) and track width 1 mm, length 25 mm o * Steady-State Power: 5 watts @ TL=25 C 3/8 inch (10 mm) from body, or 1.47 W when mounted on FR4 PC board described for thermal resistance * Forward Voltage at 25oC: 3.5 Volts maximum @ 100 Amp peak impulse of 8.3 ms half-sine wave (unidirectional only) * Solder temperatures: 260oC for 10 s (maximum)
Copyright (c) 2007 6-20-2007 REV G
o
MECHANICAL AND PACKAGING
* * CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 FINISH: Tin-Lead or RoHS Compliant annealed matte-Tin plating readily solderable per MIL-STD750, method 2026 MARKING: Body marked with part number POLARITY: Band denotes cathode. Bidirectional not marked WEIGHT: 0.7 grams (approximate) TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) See package dimensions on last page
P6KE6.8 thru 200A
* * * * *
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
P6KE6.8 thru 200CA, e3 600 Watt TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
BREAKDOWN VOLTAGE
WWW .Microsemi .C OM
MICROSEMI PART NUMBER P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12 P6KE12A P6KE13 P6KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18 P6KE18A P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27 P6KE27A P6KE30 P6KE30A P6KE33 P6KE33A P6KE36 P6KE36A P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A P6KE62 P6KE62A P6KE68 P6KE68A P6KE75 P6KE75A P6KE82 P6KE82A P6KE91 P6KE91A Copyright (c) 2007 6-20-2007 REV G
TEST CURRENT
RATED STANDOFF VOLTAGE
MAX STANDBY CURRENT
MAX CLAMPING VOLTAGE
PEAK PULSE CURRENT
Min.
V(BR) VDC 6.8 6.8 7.5 7.5 8.2 8.2 9.1 9.1 10 10 11 11 12 12 13 13 15 15 16 16 18 18 20 20 22 22 24 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 51 51 56 56 62 62 68 68 75 75 82 82 91 91
TEMPERATURE COEFFICIANT of V(BR)
Nom.
Max.
I(BR) mA 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VWM V 5.5 5.8 6.05 6.4 6.63 7.02 7.37 7.78 8.1 8.55 8.92 9.4 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8
ID @ VWM A 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VC @ IPP V 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15 14.5 16.2 15.6 17.3 16.7 19 18.2 22 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77 89 85 98 92 108 103 118 113 131 125
IPP A 56 57 51 53 48 50 44 45 40 41 37 38 35 36 32 33 27 28 26 27 23 24 21 22 19 20 17 18 15 16 14 14.4 12.6 13.2 11.6 12 10.6 11.2 9.6 10.1 8.8 9.3 8.2 8.6 7.4 7.8 6.8 7.1 6.1 6.5 5.5 5.8 5.1 5.3 4.5 4.8
VDC 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18 19 19.8 20.9 21.6 22.8 24.3 25.7 27 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5
VDC 7.48 7.14 8.25 7.88 9.02 8.61 10 9.55 11 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22 21 24.2 23.1 26.4 25.2 29.7 28.4 33 31.5 36.3 34.7 39.6 37.8 42.9 41 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5
V(BR) o %/ C .057 .057 .061 .061 .065 .065 .068 .068 .073 .073 .075 .075 .078 .078 .081 .081 .084 .084 .086 .086 .088 .088 .090 .090 .092 .092 .094 .094 .096 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .103 .103 .104 .104 .104 .104 .105 .105 .105 .105 .106 .106 Page 2
P6KE6.8 thru 200A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
P6KE6.8 thru 200CA, e3 600 Watt TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
BREAKDOWN VOLTAGE
I(BR) VWM ID @ VWM VC @ IPP IPP Nom. Max. V(BR) o VDC VDC VDC mA V V A A %/ C .106 4.2 144 1 81 1 110 100 90 P6KE100 .106 4.4 137 1 85.5 1 105 100 95 P6KE100A .107 3.8 158 1 89.2 1 121 110 99 P6KE110 .107 3.4 152 1 94 1 116 110 105 P6KE110A .107 3.5 173 1 97.2 1 132 120 108 P6KE120 .107 3.6 165 1 102 1 126 120 114 P6KE120A .107 3.2 187 1 105 1 143 130 117 P6KE130 .107 3.3 179 1 111 1 137 130 124 P6KE130A .108 2.8 215 1 121 1 165 150 135 P6KE150 .108 2.9 207 1 128 1 158 150 143 P6KE150A .108 2.6 230 1 130 1 176 160 144 P6KE160 .108 2.7 219 1 136 1 168 160 152 P6KE160A .108 2.5 244 1 138 1 187 170 153 P6KE170 .108 2.6 234 1 145 1 179 170 161 P6KE170A .108 2.3 258 1 146 1 198 180 162 P6KE180 .108 2.4 246 1 154 1 189 180 171 P6KE180A P6KE200 180 200 220 1 162 1 287 2.1 .108 P6KE200A 190 200 210 1 171 1 274 2.2 .108 Consult factory for higher voltages. For Bidirectional Construction, indicate a C or CA suffix after part number, i.e. P6KE200CA. Capacitance will be one-half that shown in Figure 4.
Min.
MICROSEMI PART NUMBER
TEST CURRENT
RATED STANDOFF VOLTAGE
MAX STANDBY CURRENT
MAX CLAMPING VOLTAGE
PEAK PULSE CURRENT
V(BR)
TEMPERATURE COEFFICIANT of V(BR)
WWW .Microsemi .C OM
Symbol
VWM PPP V(BR) ID
SYMBOLS & DEFINITIONS Definition Symbol
Working Peak (Standoff) Voltage Peak Pulse Power Breakdown Voltage Standby Current IPP
VC
Definition
I(BR)
Peak Pulse Current Clamping Voltage Breakdown Current for V(BR)
GRAPHS
50 30
PPP - Peak Pulse Power - kW
TL = 25 C
10 5.0
o
P6KE6.8 thru 200A
3.0 2.0 1.0 0.5 0.3 0.2 0.1 0.1 0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
10,000
Test waveform parameters: tr=10 s, tw=1000 s
tw - Pulse Width - s
FIGURE 1 Peak Pulse Power vs. Pulse Time
Copyright (c) 2007 6-20-2007 REV G
FIGURE 2 Pulse Waveform for Exponential Surge
Page 3
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
P6KE6.8 thru 200CA, e3 600 Watt TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
WWW .Microsemi .C OM
Peak Pulse Power (PPP) or continuous o Power in Percent of 25 C Rating
TL Lead Temperature C
o
FIGURE 3 - Derating Curve
V(BR) - Breakdown Voltage - Volts FIGURE 4 - P6KE Typical Capacitance vs. Breakdown Voltage PACKAGE DIMENSIONS
T-18
C - Capacitance - Picofarads
P6KE6.8 thru 200A
Copyright (c) 2007 6-20-2007 REV G
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of P6KE68AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X